Part Number Hot Search : 
SM6TY UF2GF D1176Q AT250 045CT SH0083B 2000D 20N60F
Product Description
Full Text Search
 

To Download MA2ZV05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Variable Capacitance Diodes
MA2ZV05
Silicon epitaxial planar type
Unit : mm
For VCO I Features
* Good linearity and large capacitance-ratio in CD VR relation * Small series resistance rD * S-mini type package, allowing downsizing of equipment and automatic insertion through the taping package
INDICATES CATHODE
0.4 0.15
1
2
0.4 0.15
1.7 0.1 2.5 0.2
Parameter Reverse voltage (DC) Junction temperature Storage temperature
Symbol VR Tj Tstg
Rating 6 150 -55 to +150
Unit V C C
0.9 0.1
I Absolute Maximum Ratings Ta = 25C
0 to 0.05
1 : Anode 2 : Cathode S-Mini Type Package (2-pin)
Marking Symbol: 8B
I Electrical Characteristics Ta = 25C 3C
Parameter Reverse current (DC) Diode capacitance Symbol IR CD(1V) CD(4V) Capacitance ratio Series resistance* CD(1V)/CD(4V) rD VR = 4 V, f = 470 MHz VR = 5 V VR = 1 V, f = 1 MHz VR = 4 V, f = 1 MHz 18.5 3.6 4.7 0.65 Conditions Min Typ Max 10 20.5 4.1 Unit nA pF pF
Note) 1 Rated input/output frequency: 470 MHz 2 * : rf measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER
0.16 - 0.06
+ 0.1
0.3 - 0.05
+ 0.1
1.25 0.1
1
MA2ZV05
CD VR
100 50 f = 1 MHz Ta = 25C 120 25C Ta = 60C 80 - 40C
Variable Capacitance Diodes
IF V F
1.05 1.04 1.03 4V f = 1 MHz
CD Ta
VR = 1 V 2V
100
Diode capacitance CD (pF)
30 20
(mA)
Forward current IF
10
60
5 3 2
40
20 0.98 0 0.97 0
1
CD(Ta) CD(Ta = 25C)
1.02 1.01 1.00 0.99
0
4
8
12 16 20 24 28 32 36 40
0
0.2
0.4
0.6
0.8
1.0
1.2
20
40
60
80
100
Reverse voltage VR (V)
Forward voltage VF (V)
Ambient temperature Ta (C)
IR Ta
100 VR = 5 V
Reverse current IR (nA)
10
1
0.1
0.01
0
20
40
60
80 100 120 140 160
Ambient temperature Ta (C)
2


▲Up To Search▲   

 
Price & Availability of MA2ZV05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X